|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SD101A - SD101C FEATURES : * For general purpose applications * The LL101 series is a metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring. * The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing and coupling diodes for fast switching and low logic level applications. * These diodes are also available in the MiniMELF case with type designations LL101A thru LL101C. * Pb / RoHS Free SCHOTTKY BARRIER DIODES DO - 35 Glass (DO-204AH) 0.079(2.0 )max. 1.00 (25.4) min. Cathode Mark 0.150 (3.8) max. 0.020 (0.52)max. MECHANICAL DATA : Case: DO-35 Glass Case Weight: approx. 0.13g 1.00 (25.4) min. Dimensions in inches and ( millimeters ) Maximum Ratings and Thermal Characteristics (Rating at Parameter Repetitive Peak Reverse Voltage Maximum Single Cycle Surge 10ms Square Wave Power Dissipation (Infinite Heatsink) Thermal Resistance Junction to Ambient Air Junction Temperature Storage temperature range SD101A SD101B SD101C 25 C ambient temperature unless otherwise specified.) Symbol VRRM IFSM PD RJA TJ TS Value 60 50 40 2 (1) 400 (1) 0.3 125(1) -55 to + 150 (1) Unit V A mW C/mW C C Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature. Electrical Characteristics (TJ = 25C unless otherwise noted) Parameter Reverse Breakdown Voltage SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C Symbol V(BR)R Test Condition IR = 10 A VR = 50 V VR = 40 V VR = 30 V IF = 1mA Min 60 50 40 - Typ - Max 200 200 200 0.41 0.4 0.39 1.0 0.95 0.9 1 Unit V Reverse Current IR nA Forward Voltage Drop VF IF = 15mA Trr IF = IR = 5mA , recover to 0.1IR V Reverse Recovery Time Page 1 of 2 ns Rev. 02 : March 24, 2005 RATING AND CHARACTERISTIC CURVES ( SD101A - SD101C ) Typical variation of forward current and forward voltage for primary conduction through the schottky barrier 10 SD101C Typical forward conduction curve of combination Schottky barrier and PN junction guard ring 100 SD101A 5 Forward Current , IF (mA) 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0 0.5 SD101A SD101B SD101B Forward Current , IF (mA) 80 SD101C 60 40 20 0 1 0 0.5 Forward Voltage , VF (V) Typical variation of reverse current at various temperatures 1 Forward Voltage , VF (V) Typical capacitance curve as a function of reverse Voltage 2 Tj = 25C 100 50 20 Reverse Current , IR (A) 10 5 2 1 0.5 0.2 0.1 0.05 0.02 Ta = 125C Typical Capacitance , C (pF) T SD101B SD101C 1 SD101A Ta = 25C 0 0 10 20 30 40 50 Reverse Voltage , VR (V) 0.01 0 10 20 30 40 50 Reverse Voltage , VR (V) Page 2 of 2 Rev. 02 : March 24, 2005 |
Price & Availability of SD101C |